Part Number Hot Search : 
DC101 AK4116 E001538 DG202ADY BAT54T1 10N20 PIC16F 4AHCT1G0
Product Description
Full Text Search
 

To Download DBCPHC2707AT1-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PIN HEADERS
Industry compatible Competitively priced Various plated contacts available 2.00mm pitch
SINGLE ROW STRAIGHT 2.00mm
SECTION 8
SPECIFICATION
Material & Finish
Contact Material: Insulator Material: Current Rating: Brass PBT&Glass-FibreReinforcedUL94V-0 1ADC 30MMaxat6VDC0.3A 1000MMinat500VDC
Contact Resistance: Insulator Resistance: Dielectric Withstanding Voltage:
500VACforOneMinute -40Cto+105C
Operating Temperature:
OUTLINE DRAWING
A B
A = 2.00mm x N of Positions B = (2.00mm x N of Positions)-1
2.0
E mm 2.0 F mm 2.0 0.5
E 3.9 G 8.7 F 2.8
G mm
ORDERING INFORMATION DBC
Dubilier Connectors
Forotherdimensionvariationspleaseconsultoffice
PH
PinHeader Connector
C27
Series
07
NofWays
02=2way Throto 40=40way
A
ContactMaterial A=Brass
G
ContactPlating G=GoldFlash S=Selective T=TinPlated
1
Colour 1=Black
-XXX
UniqueSpecial Code *SeeBelow
*Dubilier will allocate a special code to distinguish pin lengths if required
179
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758


▲Up To Search▲   

 
Price & Availability of DBCPHC2707AT1-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X